Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0181 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0181
Description  QFN-12 to DIP-12 SMT Adapter (0.4 mm pitch, 2 x 1.7 mm body)
File Size   44.43 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0181 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0181

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0180 PROTOADVANTAGE-IPC0180 Datasheet
44Kb / 2P
QFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 3 x 2.5 mm body)
revision 1.0
IPC0182 PROTOADVANTAGE-IPC0182 Datasheet
44Kb / 2P
LGA-10 to DIP-10 SMT Adapter (0.4 mm pitch, 1.55 x 1.15 mm body)
revision 1.0
IPC0183 PROTOADVANTAGE-IPC0183 Datasheet
44Kb / 2P
PowerPAD-20/PowerSOIC-20 to DIP-24 SMT Adapter (1.27 mm pitch, 300 mil body)
revision 1.0
IPC0184 PROTOADVANTAGE-IPC0184 Datasheet
44Kb / 2P
PowerPAD-24/PowerSOIC-24 to DIP-28 SMT Adapter (1.27 mm pitch, 300 mil body)
revision 1.0
IPC0185 PROTOADVANTAGE-IPC0185 Datasheet
44Kb / 2P
PowerPAD-28/PowerSOIC-28 to DIP-32 SMT Adapter (1.27 mm pitch, 300 mil body)
revision 1.0
More results


Similar Description - IPC0181

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
12 x 12 mm Washable Halogen-Free Tactile Switches
logo
List of Unclassifed Man...
B3F1020 ETC2-B3F1020 Datasheet
1Mb / 9P
A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
logo
Bourns Electronic Solut...
PTVPTT BOURNS-PTVPTT Datasheet
298Kb / 3P
12 mm Potentiometer
logo
OSRAM GmbH
LS-R976-NR-1 OSRAM-LS-R976-NR-1 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LO-R976 OSRAM-LO-R976 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LH-R974 OSRAM-LH-R974 Datasheet
394Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LY-R971 OSRAM-LY-R971 Datasheet
202Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
logo
Thorlabs, Inc.
TPS6 THORLABS-TPS6 Datasheet
123Kb / 1P
24" x 12" (610 mm x 305 mm) LASER SAFETY SCREEN
14/OCT/10
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com