| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
BF689K
|
27Kb / 5P |
NPN 2 GHz wideband transistor
September 1995 |
|
BF763
|
26Kb / 5P |
NPN 2 GHz wideband transistor
September 1995 |
|
BFG91
|
544Kb / 10P |
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992 |
|
BFG65
|
476Kb / 9P |
NPN 8 GHz wideband transistor
November 1992 |
|
BFG424W
|
101Kb / 13P |
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006 |
|
BFG67
|
287Kb / 14P |
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007 |
|
BFG93A
|
286Kb / 13P |
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007 |
|
BFG520W
|
304Kb / 15P |
NPN 9 GHz wideband transistors
Rev. 04-21 November 2007 |
|
BFS540
|
118Kb / 12P |
NPN 9 GHz wideband transistor
2000 May 30 |
 Silicon Supplies |
2SC5635
|
437Kb / 5P |
8 GHz Wideband NPN Chip
|