Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0097 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0097
Description  QFN-48 to DIP-52 SMT Adapter (0.65 mm pitch, 9.0 x 9.0 mm body, 6.8 x 6.8 mm pad)
File Size   44.64 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0097 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0097

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0090 PROTOADVANTAGE-IPC0090 Datasheet
44Kb / 2P
LGA-12 to DIP-12 SMT Adapter (0.5 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0091 PROTOADVANTAGE-IPC0091 Datasheet
44Kb / 2P
PowerSSOP-28 to DIP-32 SMT Adapter (0.65 mm pitch, 9.7 x 6.1mm)
revision 1.0
IPC0092 PROTOADVANTAGE-IPC0092 Datasheet
44Kb / 2P
PowerSSOP-30 to DIP-34 SMT Adapter (0.65 mm pitch, 11 x 6.1 mm)
revision 1.0
IPC0093 PROTOADVANTAGE-IPC0093 Datasheet
44Kb / 2P
PowerSSOP-32 to DIP-36 SMT Adapter (0.65 mm pitch, 11 x 6.1 mm)
revision 1.0
IPC0094 PROTOADVANTAGE-IPC0094 Datasheet
44Kb / 2P
PowerSSOP-38 to DIP-42 SMT Adapter (0.65 mm pitch, 12.5 x 6.1mm)
revision 1.0
More results


Similar Description - IPC0097

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
ILSI America LLC
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
2 Pad Metal Package, 4.7 mm x 13.3 mm
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2 mm x 2.5 mm
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com