Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0043 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0043
Description  QFN-32 to DIP-36 SMT Adapter (0.4 mm pitch, 4 x 5 mm body)
File Size   46.02 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0043 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0043

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0040 PROTOADVANTAGE-IPC0040 Datasheet
45Kb / 2P
QFN-20 to DIP-20 SMT Adapter (0.4 mm pitch, 3.2 x 1.8 mm body)
revision 1.0
IPC0041 PROTOADVANTAGE-IPC0041 Datasheet
46Kb / 2P
QFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 4 x 5 mm body)
revision 1.0
IPC0041C PROTOADVANTAGE-IPC0041C Datasheet
193Kb / 2P
QFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 4 x 5 mm body) Compact Series
revision 1.0
IPC0042 PROTOADVANTAGE-IPC0042 Datasheet
46Kb / 2P
QFN-28 to DIP-32 SMT Adapter (0.4 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0044 PROTOADVANTAGE-IPC0044 Datasheet
46Kb / 2P
QFN-40 to DIP-44 SMT Adapter (0.4 mm pitch, 5 x 5 mm body)
revision 1.0
More results


Similar Description - IPC0043

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XB4A OMRON-XB4A Datasheet
562Kb / 6P
0.4-mm Pitch Board to FPC Connector
logo
Aries Electronics, Inc.
24-651000-10 ARIES-24-651000-10 Datasheet
499Kb / 1P
36-Pin SSOP-to-0.6 DIP Adapter
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
0.4-mm Pitch Board to FPC Connector
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318241 SCHURTER-00318241 Datasheet
417Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
logo
Omron Electronics LLC
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
0.4-mm Pitch Board to FPC Connector
logo
ILSI America LLC
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 5 mm x 7 mm
logo
Total Power Internation...
MIW2300 TOTAL-POWER-MIW2300 Datasheet
402Kb / 4P
DIP-24 Metal Package 31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches)
logo
Schurter Inc.
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com