Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0028 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0028
Description  QFN-48 to DIP-52 SMT Adapter (0.4 mm pitch, 6 x 6 mm body)
File Size   46.02 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0028 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0028

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0020 PROTOADVANTAGE-IPC0020 Datasheet
46Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.5 mm pitch, 5 x 5 mm body)
revision 1.0
IPC0020C PROTOADVANTAGE-IPC0020C Datasheet
192Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.5 mm pitch, 5 x 5 mm body) Compact Series
revision 1.0
IPC0021 PROTOADVANTAGE-IPC0021 Datasheet
46Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.5 mm pitch, 5 x 6 mm body)
revision 1.0
IPC0022 PROTOADVANTAGE-IPC0022 Datasheet
45Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.65 mm pitch, 7 x 7 mm body)
revision 1.0
IPC0023 PROTOADVANTAGE-IPC0023 Datasheet
46Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.8 mm pitch, 8 x 8 mm body)
revision 1.0
More results


Similar Description - IPC0028

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Analog Devices
CP-40-1 AD-CP-40-1 Datasheet
76Kb / 1P
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 6 x 6 mm Body, Very Thin Quad
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
Lead-Free 6 mm 24-lead QFN Package
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com