Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0142 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0142
Description  SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body)
File Size   43.74 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0142 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0142

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0142C PROTOADVANTAGE-IPC0142C Datasheet
183Kb / 2P
SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body) Compact Series
revision 1.0
More results


Similar Description - IPC0142

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBA18-81 KINGBRIGHT-TBA18-81 Datasheet
457Kb / 3P
47.8 MM (1.8 INCH) 8 X 8 MULTICOLOR DOT
logo
GREATECS
RK6 GREATECS-RK6 Datasheet
144Kb / 1P
21 x 9.5 mm Half Body SP Rocker Switches
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Everlight Electronics C...
ELW137 EVERLIGHT-ELW137 Datasheet
577Kb / 14P
8 PIN DIP WIDE BODY HIGH SPEED
logo
3M Electronics
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
26-Nov-2012
logo
Wurth Elektronik GmbH &...
6120XX20621 WURTH-6120XX20621 Datasheet
356Kb / 3P
WR-BHD 2.54 MM MALE SMT BOX HEADER
logo
Samtec, Inc
MMSD SAMTEC-MMSD Datasheet
260Kb / 1P
(2.54 mm) .100
Rev 21DEC21
IDSS SAMTEC-IDSS Datasheet
532Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
Transko Electronics, In...
TPOS3316F TRANSKO-TPOS3316F Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
2.54 mm Wire-to-Board Connectors
03/22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com