Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0135 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0135
Description  TQFP-44 to DIP-44 SMT Adapter (1.0 mm pitch, 14 x 14 mm body)
File Size   44.43 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0135 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0135

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0130 PROTOADVANTAGE-IPC0130 Datasheet
43Kb / 2P
SOT-666 to DIP-6 SMT Adapter (0.5 mm pitch, 1.6 x 1.2 mm body)
revision 1.0
IPC0131 PROTOADVANTAGE-IPC0131 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0132 PROTOADVANTAGE-IPC0132 Datasheet
43Kb / 2P
HSOP-44 to DIP-44 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
revision 1.0
IPC0133 PROTOADVANTAGE-IPC0133 Datasheet
44Kb / 2P
TQFP-64 to DIP-64 SMT Adapter (1.0 mm pitch, 14 x 20 mm body)
revision 1.0
IPC0134 PROTOADVANTAGE-IPC0134 Datasheet
44Kb / 2P
TQFP-44 to DIP-44 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
revision 1.0
More results


Similar Description - IPC0135

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
VEF44A NSC-VEF44A Datasheet
28Kb / 1P
PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
Schurter Inc.
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
ACCUTEK MICROCIRCUIT CO...
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
44 Pin DIP Adapters
logo
ams AG
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
logo
List of Unclassifed Man...
PA16C64-QD-03 ETC2-PA16C64-QD-03 Datasheet
39Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
PA17C42-QD-03 ETC2-PA17C42-QD-03 Datasheet
30Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
logo
Aries Electronics, Inc.
18081 ARIES-18081 Datasheet
572Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com