Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0156 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0156
Description  TSSOP-44 to DIP-48 SMT Adapter (0.635 mm pitch, 14 x 6.1 mm body)
File Size   44.62 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0156 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0156

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0150 PROTOADVANTAGE-IPC0150 Datasheet
44Kb / 2P
DFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 2.5 x 2.5 mm body)
revision 1.0
IPC0151 PROTOADVANTAGE-IPC0151 Datasheet
43Kb / 2P
MSOP-12 to DIP-12 SMT Adapter (0.65 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0152 PROTOADVANTAGE-IPC0152 Datasheet
44Kb / 2P
DFN-18 to DIP-22 SMT Adapter (0.4 mm pitch, 4.5 x 3.5 mm body)
revision 1.0
IPC0153 PROTOADVANTAGE-IPC0153 Datasheet
44Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.5 mm pitch, 2 x 3 mm body)
revision 1.0
IPC0154 PROTOADVANTAGE-IPC0154 Datasheet
44Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 2 x 2 mm body)
revision 1.0
More results


Similar Description - IPC0156

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
Omron Electronics LLC
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
DIN 48 x 48-mm Multifunctional Timer Series
logo
Samtec, Inc
QFSS SAMTEC-QFSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QMSS SAMTEC-QMSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
logo
Mini-Circuits
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com