Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG91415 Datasheet (PDF) - Pro-Signal

Part # PSG91415
Description  USB Cable Type A Plug to Type A Plug
File Size   156.09 Kbytes
Html View  1 
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91415 Datasheet (PDF) - Pro-Signal



Similar Part No. - PSG91415

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91410 PROSIGNAL-PSG91410 Datasheet
145Kb / 1P
Displayport to VGA Male Cable
V1.0 14/10/22
PSG91411 PROSIGNAL-PSG91411 Datasheet
167Kb / 1P
USB 2.0 Type A Plug to Type B Plug
V1.0 08/07/20
PSG91412 PROSIGNAL-PSG91412 Datasheet
167Kb / 1P
USB 2.0 Type A Plug to Type B Plug
V1.0 08/07/20
PSG91413 PROSIGNAL-PSG91413 Datasheet
167Kb / 1P
USB 2.0 Type A Plug to Type B Plug
V1.0 08/07/20
PSG91414 PROSIGNAL-PSG91414 Datasheet
167Kb / 1P
USB 2.0 Type A Plug to Type B Plug
V1.0 08/07/20
More results


Similar Description - PSG91415

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
USB-APOWER-001-01 YAMAICHI-USB-APOWER-001-01 Datasheet
118Kb / 2P
USB , Type A with Power Receptacle / Plug
logo
Amphenol Corporation
GSB317131HR AMPHENOL-GSB317131HR Datasheet
128Kb / 1P
USB 3.0 CONNECTOR STANDARD A, PLUG CABLE TYPE, OVERMOLD
logo
Wurth Elektronik GmbH &...
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
logo
CONEC Elektronische Bau...
17-250031 CONEC-17-250031 Datasheet
292Kb / 1P
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
logo
List of Unclassifed Man...
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001000 ETC2-MC001000 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
logo
Molex Electronics Ltd.
847271001 MOLEX-847271001 Datasheet
116Kb / 1P
PLUG, USB TYPE-A, SHIELDED, PIGTAIL CIC
10/05/04
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com