Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0230 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0230
Description  LED-6/DFN-6 to DIP-6 SMT Adapter (0.65 mm pitch, 2 x 2.4 mm body)
File Size   106.12 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0230 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0230

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0231 PROTOADVANTAGE-IPC0231 Datasheet
105Kb / 2P
LED-3 to DIP-4 SMT Adapter (1.1 mm pitch, 4 x 2 mm body)
revision 1.0
IPC0232 PROTOADVANTAGE-IPC0232 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0233 PROTOADVANTAGE-IPC0233 Datasheet
106Kb / 2P
HTQFP-100 to DIP-104 SMT Adapter (0.5 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0234 PROTOADVANTAGE-IPC0234 Datasheet
107Kb / 2P
HTQFP-80 to DIP-84 SMT Adapter (0.5 mm pitch, 12 x 12 mm body)
revision 1.0
IPC0235 PROTOADVANTAGE-IPC0235 Datasheet
107Kb / 2P
HTQFP-44 to DIP-48 SMT Adapter (0.8 mm pitch, 10 x 10 mm body)
revision 1.0
More results


Similar Description - IPC0230

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com