Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0229 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0229
Description  LED-6/PLCC-6 to DIP-6 SMT Adapter (1.1 mm pitch, 3.3 x 3.4 mm body)
File Size   106.1 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0229 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0229

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0220 PROTOADVANTAGE-IPC0220 Datasheet
105Kb / 2P
BGA-6 to DIP-6 SMT Adapter (0.4 mm pitch, 1.16 x 0.76 mm body, 2 x 3 grid)
revision 1.0
IPC0221 PROTOADVANTAGE-IPC0221 Datasheet
106Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 2.5 x 2.5 mm body)
revision 1.0
IPC0222 PROTOADVANTAGE-IPC0222 Datasheet
106Kb / 2P
QFN-12 to DIP-16 SMT Adapter (1.0 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0223 PROTOADVANTAGE-IPC0223 Datasheet
105Kb / 2P
LED-2 to DIP-6 SMT Adapter (2.75 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0224 PROTOADVANTAGE-IPC0224 Datasheet
105Kb / 2P
LED-2 to DIP-4 SMT Adapter (0.57 mm pitch, 1.0 x 1.0 mm body)
revision 1.0
More results


Similar Description - IPC0229

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL0055T-WC6B11Z P-TEC-PL0055T-WC6B11Z Datasheet
35Kb / 1P
SMD LED PLCC-6 Package
PL0055T-WC6R34Z P-TEC-PL0055T-WC6R34Z Datasheet
35Kb / 1P
SMD LED PLCC-6 Package
PL0055T-WC6R35 P-TEC-PL0055T-WC6R35 Datasheet
35Kb / 1P
SMD LED PLCC-6 Package
PL0055-WC6R35 P-TEC-PL0055-WC6R35 Datasheet
32Kb / 1P
SMD LED PLCC-6 Package
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
Broadcom Corporation.
ASMB-UTF2-0E20B BOARDCOM-ASMB-UTF2-0E20B Datasheet
762Kb / 12P
2828 Tricolor PLCC-6 LED
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com