Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0255 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0255
Description  DFN-6 to DIP-10 SMT Adapter (0.65 mm pitch, 2.5 x 2.5 mm body)
File Size   166.11 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0255 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0255

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0250 PROTOADVANTAGE-IPC0250 Datasheet
179Kb / 2P
SMD-0.5 to DIP-8 SMT Adapter (3.81 mm pitch, 10.28 x 7.64 mm body)
revision 1.0
IPC0251 PROTOADVANTAGE-IPC0251 Datasheet
172Kb / 2P
DFN-18 to DIP-22 SMT Adapter (0.5 mm pitch, 5 x 5 mm body)
revision 1.0
IPC0252 PROTOADVANTAGE-IPC0252 Datasheet
167Kb / 2P
PowerPAK 1212-8 Single to DIP-8 SMT Adapter (0.65 mm pitch, 3.3 x 3.3 mm body)
revision 1.0
IPC0253 PROTOADVANTAGE-IPC0253 Datasheet
166Kb / 2P
PowerPAK 1212-8 Double to DIP-8 SMT Adapter (0.65 mm pitch, 3.3 x 3.3 mm body)
revision 1.1
IPC0254 PROTOADVANTAGE-IPC0254 Datasheet
173Kb / 2P
SOT89-5 to DIP-6 SMT Adapter (1.5 mm pitch, 4.6 x 2.6 mm body)
revision 1.0
More results


Similar Description - IPC0255

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
logo
Tensility International...
50-00202 TENSILITY-50-00202 Datasheet
309Kb / 2P
Connector, 4C 3.5 mm jack to 4C 2.5 mm plug adapter
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
Lumberg
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3517-2 LUMBERG-3517-2_18 Datasheet
434Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3518 LUMBERG-3518_18 Datasheet
1Mb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com