Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0237 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0237
Description  HTQFP-48 to DIP-52 SMT Adapter (0.5 mm pitch, 7 x 7 mm body)
File Size   107.63 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0237 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0237

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0230 PROTOADVANTAGE-IPC0230 Datasheet
106Kb / 2P
LED-6/DFN-6 to DIP-6 SMT Adapter (0.65 mm pitch, 2 x 2.4 mm body)
revision 1.0
IPC0231 PROTOADVANTAGE-IPC0231 Datasheet
105Kb / 2P
LED-3 to DIP-4 SMT Adapter (1.1 mm pitch, 4 x 2 mm body)
revision 1.0
IPC0232 PROTOADVANTAGE-IPC0232 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0233 PROTOADVANTAGE-IPC0233 Datasheet
106Kb / 2P
HTQFP-100 to DIP-104 SMT Adapter (0.5 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0234 PROTOADVANTAGE-IPC0234 Datasheet
107Kb / 2P
HTQFP-80 to DIP-84 SMT Adapter (0.5 mm pitch, 12 x 12 mm body)
revision 1.0
More results


Similar Description - IPC0237

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
logo
NXP Semiconductors
SOT545-3 PHILIPS-SOT545-3 Datasheet
15Kb / 1P
plastic thermal enganced thin quad flat package; 48 leads; body 7 x 7 x 1 mm; exposed die pad
2004 Feb 05
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
3.5 x 7 mm SMT Tactile Switches with Ground Terminal
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
Standard 7-Segment Display 7 mm
30-Jun-10
logo
ILSI America LLC
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 5 mm x 7 mm
logo
Vishay Siliconix
TDSL11 VISHAY-TDSL11_V01 Datasheet
152Kb / 9P
Low Current 7 mm 7-Segment Display
17-Apr-13
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSL1150 VISHAY-TDSL1150_V01 Datasheet
151Kb / 9P
Low Current 7 mm 7-Segment Display
17-Apr-13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com