Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0147 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0147
Description  HSOP-48 to DIP-52 SMT Adapter (0.65 mm pitch, 16 x 8.8 mm body)
File Size   43.74 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0147 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0147

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0140 PROTOADVANTAGE-IPC0140 Datasheet
43Kb / 2P
SSOP-36 to DIP-36 SMT Adapter (0.8 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
IPC0141 PROTOADVANTAGE-IPC0141 Datasheet
44Kb / 2P
PowerSSO-36 to DIP-40 SMT Adapter (0.5 mm pitch, 10.35 x 7.5 mm body)
revision 1.0
IPC0142 PROTOADVANTAGE-IPC0142 Datasheet
43Kb / 2P
SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body)
revision 1.0
IPC0142C PROTOADVANTAGE-IPC0142C Datasheet
183Kb / 2P
SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body) Compact Series
revision 1.0
IPC0143 PROTOADVANTAGE-IPC0143 Datasheet
44Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.65 mm pitch, 4 x 4 mm body)
revision 1.0
More results


Similar Description - IPC0147

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Aries Electronics, Inc.
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
GREATECS
SB3 GREATECS-SB3 Datasheet
273Kb / 2P
8.8 mm Horizontal Slide Switches
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
logo
EHAOAN.
EH-C201KSKT EHAOAN-EH-C201KSKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com