Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0072 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0072
Description  DFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 4.0 x 3.0 mm body)
File Size   45.68 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0072 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0072

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0070 PROTOADVANTAGE-IPC0070 Datasheet
45Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4.0 x 3.0 mm body)
revision 1.0
IPC0070C PROTOADVANTAGE-IPC0070C Datasheet
196Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4.0 x 3.0 mm body) Compact Series
revision 1.0
IPC0071 PROTOADVANTAGE-IPC0071 Datasheet
45Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4.0 x 4.0 mm body)
revision 1.0
IPC0073 PROTOADVANTAGE-IPC0073 Datasheet
45Kb / 2P
DFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 5.0 x 3.0 mm body)
revision 1.0
IPC0074 PROTOADVANTAGE-IPC0074 Datasheet
45Kb / 2P
DFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 5.0 x 4.0 mm body)
revision 1.0
More results


Similar Description - IPC0072

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
3.0 mm X 7.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
Kingbright Corporation
AA4040 KINGBRIGHT-AA4040 Datasheet
99Kb / 5P
4.0 X 4.0 MM SURFACE MOUNT LED LAMP
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
Kingbright Corporation
AA4040SF4S-P22 KINGBRIGHT-AA4040SF4S-P22 Datasheet
673Kb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SF4S-P22 TO-GRACE-AA4040SF4S-P22 Datasheet
1Mb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com