Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS12HC80C Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS12HC80C
Description  HS12HC80C 12A TRIAC
File Size   849.61 Kbytes
Html View  1   2   3   4   5 
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS12HC80C Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.



Similar Part No. - HS12HC80C

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HS12HC80DC HUIXIN-HS12HC80DC Datasheet
1Mb / 5P
HS12HC80DC 12A TRIAC
HS12HC80T HUIXIN-HS12HC80T Datasheet
780Kb / 4P
HS12HC80T 12A TRIAC
More results


Similar Description - HS12HC80C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56065 NTE-NTE56065 Datasheet
21Kb / 2P
TRIAC, 600VRM, 12A, High Commutation
logo
Sanken electric
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
TM1262B-R SANKEN-TM1262B-R Datasheet
50Kb / 2P
TO-3PF 12A Triac
logo
NEC
AC12DGM NEC-AC12DGM Datasheet
707Kb / 6P
12A MOLD TRIAC
AC12DSMA NEC-AC12DSMA Datasheet
222Kb / 6P
12A RESIN INSULATION TYPE TRIAC
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
600V 12A TRIAC
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
TRIAC 600V,12A
logo
Renesas Technology Corp
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12FM-14LB RENESAS-BCR12FM-14LB_17 Datasheet
824Kb / 9P
700V - 12A - Triac
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com