Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7464 Datasheet (PDF) - Wera Tools

Part # 7464
Description  7460 Kraftform pre-set adjustable torque screwdrivers with Rapidaptor quick-release chuck, 1/4 inch, 0,3 Nm
File Size   459.21 Kbytes
Html View  1   2   3 
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

7464 Datasheet (PDF) - Wera Tools



Similar Part No. - 7464

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7464 STMICROELECTRONICS-7464 Datasheet
174Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Feb-1998
logo
National Semiconductor ...
74640 NSC-74640 Datasheet
140Kb / 4P
Inverting Octal TRI-STATE Transceiver
logo
Wurth Elektronik GmbH &...
7464000 WURTH-7464000 Datasheet
174Kb / 2P
REDCUBE Plug Terminal WP-PLUG
001.000
74640010 WURTH-74640010 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640016 WURTH-74640016 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
More results


Similar Description - 7464

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-019FT86P GLENAIR-230-019FT86P_09 Datasheet
426Kb / 2P
Quick Release Bayonet Receptacle
logo
Ralston Instruments.
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD Datasheet
295Kb / 1P
1/4 Female NPT with Quick-Disconnect
logo
Pasternack Enterprises,...
PE5019-13 PASTERNACK-PE5019-13 Datasheet
246Kb / 2P
Break-Over Torque Wrench With 1/4 Bit
PE5019-14 PASTERNACK-PE5019-14 Datasheet
245Kb / 2P
Break-Over Torque Wrench With 1/4 Bit
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-08-SAC PHOENIX-TSD-08-SAC Datasheet
52Kb / 2P
For the TSD-M... torque screwdrivers, the torque can be custom-set
TSD-25-SAC PHOENIX-TSD-25-SAC Datasheet
48Kb / 3P
TSD ... SAC torque screwdrivers with a range of preset torques from 0.2 Nm to 2.5 Nm
1707561 PHOENIX-1707561 Datasheet
524Kb / 13P
PTF 0,3/ 4-WB-8-H - Cable set
logo
FIBOX Enclosing innovat...
8612003 FIBOX-8612003 Datasheet
35Kb / 1P
SS Quick Release Latch
18.07.2023
logo
PHOENIX CONTACT
1707565 PHOENIX-1707565 Datasheet
526Kb / 13P
PTF 0,3/ 4-WB-10-H - Cable set
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com