Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0485 Datasheet (PDF) - DFROBOT

Part # DFR0485
Description  FireBeetle Covers‐24×8 LED Matrix (White)
File Size   708.35 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0485 Datasheet (PDF) - DFROBOT



Similar Part No. - DFR0485

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0481 DFROBOT-DFR0481 Datasheet
234Kb / 2P
FireBeetle Covers-Proto Board
7-7-17
DFR0482 DFROBOT-DFR0482 Datasheet
69Kb / 2P
FireBeetle Covers-Proto Board Doubler
7-7-17
DFR0483 DFROBOT-DFR0483 Datasheet
273Kb / 3P
FireBeetle Covers‐Gravity I/O Expansion Shield
7-7-17
DFR0484 DFROBOT-DFR0484 Datasheet
585Kb / 7P
FireBeetle Covers‐24×8 LED Matrix (White)
7-7-17
DFR0486 DFROBOT-DFR0486 Datasheet
551Kb / 3P
Gravity: I2C OLED-128x64 Display
5-18-23
More results


Similar Description - DFR0485

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-19881 LUCKY-LIGHT-KWM-19881 Datasheet
71Kb / 1P
8 x 8 Dot Matrix (1.9mm Dot) LED Display
KWM-30881 LUCKY-LIGHT-KWM-30881 Datasheet
69Kb / 1P
8 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-37881 LUCKY-LIGHT-KWM-37881 Datasheet
69Kb / 1P
8 x 8 Dot Matrix (3.7mm Dot) LED Display
KWM-50881 LUCKY-LIGHT-KWM-50881 Datasheet
70Kb / 1P
8 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-50882 LUCKY-LIGHT-KWM-50882 Datasheet
70Kb / 1P
8 x 8 Dot Matrix (5.0mm Dot) LED Display
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Rohm
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
8-Channel White LED Driver
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
Linear Technology
LT3965 LINER-LT3965 Datasheet
337Kb / 26P
8-Switch Matrix LED Dimmer
logo
LUMEX INC.
LDM-1924788MI-IGUB LUMEX-LDM-1924788MI-IGUB Datasheet
129Kb / 2P
8 x 8 DOT MATRIX LED DISPLAY
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com