Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0478 Datasheet (PDF) - DFROBOT

Part # DFR0478
Description  FireBeetle ESP32 IOT Microcontroller (Supports Wi‐Fi & Bluetooth) SKU: DFR0478
File Size   489.48 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0478 Datasheet (PDF) - DFROBOT



Similar Part No. - DFR0478

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0470-ENT DFROBOT-DFR0470-ENT Datasheet
253Kb / 3P
LattePanda - 4GB/64GB with Enterprise License
6-7-17
DFR0471 DFROBOT-DFR0471 Datasheet
375Kb / 11P
32x16 RGB LED Matrix Panel (6mm pitch)
11-2-17
DFR0472 DFROBOT-DFR0472 Datasheet
564Kb / 12P
32x32 RGB LED Matrix ‐ 4mm pitch SKU:DFR0472
11-2-17
DFR0473 DFROBOT-DFR0473 Datasheet
228Kb / 3P
Gravity: Digital 10A Relay Module
DFR0474 DFROBOT-DFR0474 Datasheet
1Mb / 3P
Gravity: Digital Colorful Flashing LED Module
8-23-18
More results


Similar Description - DFR0478

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10001 WPI-WPANT10001 Datasheet
179Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Advantech Co., Ltd.
WISE-1530 ADVANTECH-WISE-1530 Datasheet
364Kb / 2P
M2.COM Wi-Fi / BLE IoT Node
WISE-1520 ADVANTECH-WISE-1520 Datasheet
382Kb / 2P
M2.COM Low Power Wi-Fi IoT Node
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
Qorvo, Inc
QPQ1906 QORVO-QPQ1906 Datasheet
299Kb / 5P
Wi-Fi/IoT bandBoost Filter
QPQ1905 QORVO-QPQ1905 Datasheet
306Kb / 6P
Wi-Fi/IoT bandBoost Filter
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com