Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4287 Datasheet (PDF) - Adafruit Industries

Part # 4287
Description  3.5mm / 1.1mm to 5.5mm / 2.1mm DC Jack Adapter
File Size   327.01 Kbytes
Html View  1 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4287 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 4287

ManufacturerPart #DatasheetDescription
logo
Heyco.
4287 HEYCO-4287 Datasheet
93Kb / 1P
Nylon Kayak Clips
logo
Molex Electronics Ltd.
42878-1001 MOLEX5-42878-1001 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/10, Panel Stops
42878-1003 MOLEX5-42878-1003 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/10
42878-4216 MOLEX5-42878-4216 Datasheet
213Kb / 4P
Modular Jack, Vertical, Low Profile, 4/2, Panel Stops
42878-4218 MOLEX5-42878-4218 Datasheet
213Kb / 4P
Modular Jack, Vertical, Low Profile, 4/2
More results


Similar Description - 4287

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9330 PASTERNACK-PE9330 Datasheet
256Kb / 3P
Precision 3.5mm Male to 3.5mm Male Adapter
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9678 PASTERNACK-PE9678 Datasheet
262Kb / 3P
Precision 3.5mm Female to 3.5mm Female Bulkhead Adapter
PE9679 PASTERNACK-PE9679 Datasheet
244Kb / 2P
Precision 3.5mm Male to 3.5mm Male Bulkhead Adapter
logo
Emerson Network Power
ADT-2733-MF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2733-MF-3MM-02-01 Datasheet
97Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
ADT-2734-MM-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2734-MM-3MM-02-01 Datasheet
70Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com