Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1879 Datasheet (PDF) - Adafruit Industries

Part # 1879
Description  silicone cover stranded - core wire - 2m 26awg yellow
File Size   241.16 Kbytes
Html View  1   2 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1879 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 1879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1879 ETC2-1879 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
1879 ETC2-1879 Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Heyco.
1879 HEYCO-1879 Datasheet
157Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Keystone Electronics Co...
1879 KEYSTONE-1879 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
PHOENIX CONTACT
1879065 PHOENIX-1879065 Datasheet
117Kb / 3P
MSTBP 2,5/ 5-STF-5,08 ABGY AU
More results


Similar Description - 1879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-10-0 ETC2-BU-2929-M-10-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
Mallory Sonalert Produc...
JR28-Y-4 MSPI-JR28-Y-4 Datasheet
168Kb / 1P
BROWN wire and YELLOW wire to Power
JR28-Y-D MSPI-JR28-Y-D Datasheet
173Kb / 1P
BROWN wire and YELLOW wire to Power
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com