Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3992 Datasheet (PDF) - Adafruit Industries

Part # 3992
Description  Medium Push Pull Solenoid 5V or 6V
File Size   315.44 Kbytes
Html View  1   2 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3992 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 3992

ManufacturerPart #DatasheetDescription
logo
Heyco.
3992 HEYCO-3992 Datasheet
128Kb / 1P
Nylon Knock Out Seals and Thick Panel Knock Out Seals
logo
Molex Electronics Ltd.
39920-01 MOLEX-39920-01 Datasheet
146Kb / 2P
600V High-Power Terminal Blocks
39920-03 MOLEX-39920-03 Datasheet
146Kb / 2P
600V High-Power Terminal Blocks
39920-0302 MOLEX11-39920-0302 Datasheet
38Kb / 2P
15.00mm Beau Eurostyle
39920-0303 MOLEX11-39920-0303 Datasheet
38Kb / 2P
15.00mm Beau Eurostyle
More results


Similar Description - 3992

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1810 DALLAS-DS1810 Datasheet
54Kb / 5P
5V EconoReset with Push-Pull Output
DS1812 DALLAS-DS1812 Datasheet
41Kb / 5P
5V EconoReset with Active High Push-Pull Output
logo
Alliance Semiconductor ...
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1812 ALSC-ASM1812 Datasheet
231Kb / 9P
Low Power 5V uP Reset Active HIGH, Push-Pull Output
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
RF Micro Devices
RFCA8828 RFMD-RFCA8828 Datasheet
2Mb / 16P
5V or 6V Single Supply
logo
E-SWITCH
PP2 E-SWITCH-PP2 Datasheet
311Kb / 1P
PUSH-PULL OR MOMENTARY FUNCTIONS
logo
Maxim Integrated Produc...
DS1812 MAXIM-DS1812 Datasheet
119Kb / 5P
5V EconoReset with Active High Push-Pull Output
041002
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
5V EconoReset with Push-Pull Output
041002
logo
Schneider Electric
9001R22 SCHNEIDER-9001R22 Datasheet
146Kb / 2P
30mm Push Button, Types K or SK, push pull mushroom cap, red
Jan 20, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com