Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3950 Datasheet (PDF) - Adafruit Industries

Part # 3950
Description  JST PH 4-Pin to Female Socket Cable - I2C STEMMA Cable - 200mm
File Size   436.44 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3950 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 3950

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3950 EBMPAPST-3950 Datasheet
358Kb / 1P
TUBEAXIAL
3950 EBMPAPST-3950 Datasheet
293Kb / 4P
AC axial compact fan
logo
Molex Electronics Ltd.
39500-0002 MOLEX11-39500-0002 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 2 Circuits
39500-0003 MOLEX11-39500-0003 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 3 Circuits
39500-0004 MOLEX11-39500-0004 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 4 Circuits
More results


Similar Description - 3950

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
ACC725000 OPTOSUPPLY-ACC725000 Datasheet
568Kb / 1P
BA9S to JST compatible male socket cable wire Net Weight: 2.5g
AC8221020 OPTOSUPPLY-AC8221020 Datasheet
580Kb / 1P
JST compatible female socket to 4-pin socket cable wire
AC8521020 OPTOSUPPLY-AC8521020 Datasheet
586Kb / 1P
JST compatible female socket to DC plug cable wire.
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
CABLE: CABLE-JST XHP 5WAY, 300mm
V1-W-2M-PVC ETC2-V1-W-2M-PVC Datasheet
63Kb / 1P
Cable socket, M12, 4-pin, PVC cable
logo
SparkFun Electronics
CAB-14991 SPARKFUN-CAB-14991 Datasheet
104Kb / 2P
Cable - 5 Pin 1mm Pitch - 200mm
12??0??8
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com