Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14 Datasheet (PDF) - SYC Electronica

Part # SS14
Description  DIODO SCHOTTKY 1A 40V SMD
File Size   79.99 Kbytes
Html View  1   2 
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

SS14 Datasheet (PDF) - SYC Electronica



Similar Part No. - SS14

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS14 PANJIT-SS14 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS14 SURGE-SS14 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS14 TRSYS-SS14 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS14 JGD-SS14 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS14 SSE-SS14 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SS14

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NS4 SHINDENGEN-D1NS4 Datasheet
552Kb / 10P
Schottky Rectifiers (SBD) (40V 1A)
logo
Torex Semiconductor
XBS104V14 TOREX-XBS104V14 Datasheet
73Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104V14 TOREX-XBS104V14_12 Datasheet
95Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13 TOREX-XBS104S13_12 Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
logo
Taiwan Semiconductor Co...
B5817W TSC-B5817W Datasheet
149Kb / 5P
SOD-123 40V/1A Schottky Diode
logo
Frontier Electronics.
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
40V, 1A Schottky Barrier Rectifiers
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com