Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSW2H100H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

Part # SSW2H100H
Description  2A, 100V Schottky Barrier Surface Mount Rectifier
File Size   449.33 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSW2H100H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd



Similar Part No. - SSW2H100H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSW2H40H TSC-SSW2H40H Datasheet
449Kb / 6P
2A, 40V Schottky Barrier Surface Mount Rectifier
Version: A2504
SSW2H60H TSC-SSW2H60H Datasheet
449Kb / 6P
2A, 60V Schottky Barrier Surface Mount Rectifier
Version: A2504
More results


Similar Description - SSW2H100H

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
SK34A-T TSC-SK34A-T Datasheet
379Kb / 6P
3A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
PFC Device Inc.
PTA2L100 PFC-PTA2L100 Datasheet
561Kb / 5P
2A 100V HPTR짰 Schottky Rectifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com