Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

463N Datasheet (PDF) - Sealevel Systems, Inc.

Part # 463N
Description  96 Channel TTL Digital Interface SeaI/O Expansion Module
File Size   654.81 Kbytes
Html View  1   2 
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

463N Datasheet (PDF) - Sealevel Systems, Inc.



Similar Part No. - 463N

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
463N322040M1M KEMET-463N322040M1M Datasheet
226Kb / 1P
R46 310 VAC, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 22.5mm
10/20/2022
463N410040N2M KEMET-463N410040N2M Datasheet
226Kb / 1P
R46 310 VAC, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 22.5mm
10/20/2022
463N415040N1M KEMET-463N415040N1M Datasheet
226Kb / 1P
R46 310 VAC, Film, Metallized Polypropylene, Safety, 1.5 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 22.5mm
10/20/2022
More results


Similar Description - 463N

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
ADL Embedded Solutions
P104-DIO-96 ADL-P104-DIO-96 Datasheet
1Mb / 2P
96 High-Speed Digital I/O?셲
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
National Instruments Co...
777690-01 NI-777690-01 Datasheet
385Kb / 9P
Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
logo
Keysight Technologies
E1458A KEYSIGHT-E1458A Datasheet
180Kb / 4P
96-Channel Digital I/O
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com