Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

390K Datasheet (PDF) - TYEE Products Inc

Part # 390K
Description  Varistor Specification
File Size   373.75 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

390K Datasheet (PDF) - TYEE Products Inc



Similar Part No. - 390K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
390KD05 YAGEO-390KD05 Datasheet
668Kb / 13P
Metal Oxide Varistor (MOV)
Nov. 08, 2024 V.0
390KD05 YAGEO-390KD05 Datasheet
905Kb / 12P
RoHS compliant & Halogen free
Feb. 12, 2019
390KD05J YAGEO-390KD05J Datasheet
668Kb / 13P
Metal Oxide Varistor (MOV)
Nov. 08, 2024 V.0
390KD05J YAGEO-390KD05J Datasheet
905Kb / 12P
RoHS compliant & Halogen free
Feb. 12, 2019
logo
Micro Commercial Compon...
390KD05JX MCC-390KD05JX Datasheet
134Kb / 6P
11 to 460 Volts Varistor 0.7 to 29 Joule
More results


Similar Description - 390K

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
logo
List of Unclassifed Man...
S6694Z ETC2-S6694Z Datasheet
43Kb / 1P
VARISTOR SPECIFICATION SHEET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com