Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAPACITORCERAMICO Datasheet (PDF) - AG Electronica

Part # CAPACITORCERAMICO
Description  Ejemplo: CC-.0015/50V Capacitor Cerámico 0.0015uF 50V
File Size   995.68 Kbytes
Html View  1   2   3   4 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CAPACITORCERAMICO Datasheet (PDF) - AG Electronica



Similar Part No. - CAPACITORCERAMICO

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CAPACITORS TOSHIBA-CAPACITORS Datasheet
6Mb / 43P
LCD Color Television
2005
More results


Similar Description - CAPACITORCERAMICO

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R71H102K MURATA-GCM155R71H102K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 1nF 50V
GCM155R71H221K MURATA-GCM155R71H221K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 220pF 50V
GCM155R71H223K MURATA-GCM155R71H223K Datasheet
28Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 22nF 50V
GCM155R71H472K MURATA-GCM155R71H472K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 4.7nF 50V
GCM1885C1H152J MURATA-GCM1885C1H152J Datasheet
56Kb / 1P
Chip Monolithic Ceramic Capacitor 0603 C0G 1.5nF 50V
GCM2165C1H332J MURATA-GCM2165C1H332J Datasheet
55Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 C0G 3.3nF 50V
GRM155R71H223K MURATA-GRM155R71H223K Datasheet
27Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 22nF 50V
GRM1555C1H102J MURATA-GRM1555C1H102J Datasheet
58Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 C0G 1000pF 50V
GRM1857U1H472J MURATA-GRM1857U1H472J Datasheet
56Kb / 1P
Chip Monolithic Ceramic Capacitor 0603 U2J 4700pF 50V
logo
Central Semiconductor C...
PB-CMKT3920_1509 CENTRAL-PB-CMKT3920_1509 Datasheet
1Mb / 2P
50V, 200mA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com