Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

77682 Datasheet (PDF) - Belden Inc.

Part # 77682
Description  7/8" Power Single-Ended Cordset: Female, straight, 4-pin, orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
File Size   354.98 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

77682 Datasheet (PDF) - Belden Inc.



Similar Part No. - 77682

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7768 KEYSTONE-7768 Datasheet
529Kb / 1P
METRIC SCREW TERMINALS
31-07 20th
logo
Wixroyd Group Ltd
77680 WIXROYD-77680 Datasheet
218Kb / 1P
Solid Disc Handwheels
logo
National Instruments Co...
776800-35 NI-776800-35 Datasheet
182Kb / 4P
LabWindows™/CVI™ Real-Time Module
776800-35WM NI-776800-35WM Datasheet
182Kb / 4P
LabWindows™/CVI™ Real-Time Module
776801-35 NI-776801-35 Datasheet
182Kb / 4P
LabWindows™/CVI™ Real-Time Module
More results


Similar Description - 77682

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300630089 MOLEX11-1300630089 Datasheet
29Kb / 1P
Quick-Change Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 10 AWG PVC Cable
logo
TT Electronics.
OVFSQ4C8 TTELEC-OVFSQ4C8 Datasheet
474Kb / 4P
4-Pin Red-Orange LED Lamp (7.6 mm)
logo
Schneider Electric
XVR13M05L SCHNEIDER-XVR13M05L Datasheet
158Kb / 4P
Harmony XVR, Rotating beacon, 횠130, orange, without buzzer, 230 V AC
May 24, 2021
XVR10J05 SCHNEIDER-XVR10J05 Datasheet
149Kb / 4P
Rotating beacon, 106 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
ZB4BVM5 SCHNEIDER-ZB4BVM5 Datasheet
155Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, orange, integral LED, 230??40 V AC
Oct 25, 2021
logo
Molex Electronics Ltd.
1204000100 MOLEX-1204000100 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PVC Cable, 1.0m Length
11/23/2022
1204000101 MOLEX-1204000101 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PVC Cable, 2.0m Length
11/23/2022
1204000103 MOLEX-1204000103 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PVC Cable, 10.0m Length
11/23/2022
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com