Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78035 Datasheet (PDF) - Alpha Wire

Part # 78035
Description  22 (19/34) AWG Tinned Copper
File Size   408.02 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

78035 Datasheet (PDF) - Alpha Wire



Similar Part No. - 78035

ManufacturerPart #DatasheetDescription
logo
REMA Lipprandt GmbH & C...
78035-00 REMA-78035-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
Molex Electronics Ltd.
78035-0001 MOLEX9-78035-0001 Datasheet
488Kb / 7P
0.60mm (.024") Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Reverse Angle,0.76關m (30關") Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244
78035-0201 MOLEX9-78035-0201 Datasheet
488Kb / 7P
0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap
78035-0202 MOLEX9-78035-0202 Datasheet
488Kb / 7P
0.60mm (.024") Pitch miniDIMM DDR Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關") Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 200 Circuits
78035-0301 MOLEX9-78035-0301 Datasheet
491Kb / 7P
0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, 244 Circuits,1.5V Voltage Key
More results


Similar Description - 78035

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com