Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6459 Datasheet (PDF) - Alpha Wire

Part # 6459
Description  18 (7/26) AWG TC
File Size   410.58 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6459 Datasheet (PDF) - Alpha Wire



Similar Part No. - 6459

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
6459 MOLEX1-6459 Datasheet
197Kb / 4P
KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Tin (Sn)
6459 MOLEX1-6459 Datasheet
197Kb / 4P
KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Selective Gold (Au)
6459 MOLEX1-6459 Datasheet
198Kb / 4P
KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Gold (Au)
logo
Belden Inc.
6459 BELDEN-6459 Datasheet
570Kb / 4P
PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
02-03-2025
logo
Molex Electronics Ltd.
6459-(222) MOLEX11-6459-(222) Datasheet
169Kb / 2P
KK (2.54)/.100 CRIMP TERMINAL. 22-30 GA WIRE SAME AS 2759 EXCEPT MATL
More results


Similar Description - 6459

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082186007 MOLEX3-0082186007 Datasheet
210Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 7 Circuits
logo
General Cable Technolog...
C7102A GENERAL-C7102A Datasheet
72Kb / 1P
2C 18 7/.0152 TC PVC
E1036S GENERAL-E1036S Datasheet
73Kb / 1P
6C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E1038S GENERAL-E1038S Datasheet
74Kb / 1P
8C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E1040S GENERAL-E1040S Datasheet
74Kb / 1P
10C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E1041S GENERAL-E1041S Datasheet
74Kb / 1P
12C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E2040S GENERAL-E2040S Datasheet
74Kb / 1P
10C 18 AWG 7/26 BC PVC OAS PVC Sound, Alarm & Security Cable
logo
Belden Inc.
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
9395 BELDEN-9395 Datasheet
142Kb / 2P
Microphone Cable, 1 Conductor 18 AWG, TC
05-04-2023
2221 BELDEN-2221 Datasheet
151Kb / 3P
Audio Cable, 2 Conductor 26 AWG, TC
12-20-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com