Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N10S Datasheet (PDF) - Infinite Electronics International, Inc.

Part # N10S
Description  AC PEM C14 1.0mm PANEL SNAP-IN 2.8mm SOLDER TERMINALS
File Size   109.77 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

N10S Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - N10S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
N10SP001 YAGEO-N10SP001 Datasheet
922Kb / 17P
NTC Thermistor SP
Nov. 27, 2023 V.0
N10SP001L YAGEO-N10SP001L Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
N10SP001M YAGEO-N10SP001M Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
N10SP002 YAGEO-N10SP002 Datasheet
922Kb / 17P
NTC Thermistor SP
Nov. 27, 2023 V.0
N10SP002L YAGEO-N10SP002L Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
More results


Similar Description - N10S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
Capacitors with 4 Snap-In Terminals and Solder Pins
logo
Schurter Inc.
6130-56 SCHURTER-6130-56 Datasheet
350Kb / 2P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
logo
PowerDynamics, Inc
42R03-1X2X POWERDYNAMICS-42R03-1X2X Datasheet
40Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE, PANEL MOUNT
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R08-3X2X-XXX POWERDYNAMICS-42R08-3X2X-XXX Datasheet
40Kb / 1P
16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
43R04-3X1X-XXX POWERDYNAMICS-43R04-3X1X-XXX Datasheet
48Kb / 1P
10A/15A IEC 60320 APPL. OUTLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
logo
Schurter Inc.
6130-56 SCHURTER-6130-56_18 Datasheet
281Kb / 3P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, PCB terminals
0711_1809 SCHURTER-0711_1809 Datasheet
241Kb / 3P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
6130 SCHURTER-6130 Datasheet
281Kb / 3P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, PCB terminals
6130 SCHURTER-6130_V01 Datasheet
281Kb / 3P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, PCB terminals
05.01.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com