Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M404 Datasheet (PDF) - B&K Precision Corporation

Part # M404
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
File Size   2616.64 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M404 Datasheet (PDF) - B&K Precision Corporation



Similar Part No. - M404

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M40-1000046 HARWIN-M40-1000046 Datasheet
81Kb / 1P
1.00mm PITCH WIRE TO BOARD CRIMP TERMINAL
M40-1100200 HARWIN-M40-1100200 Datasheet
81Kb / 1P
HOUSING FOR CABLE TO BOARD
M40-1100300 HARWIN-M40-1100300 Datasheet
81Kb / 1P
HOUSING FOR CABLE TO BOARD
M40-1100400 HARWIN-M40-1100400 Datasheet
81Kb / 1P
HOUSING FOR CABLE TO BOARD
M40-1100500 HARWIN-M40-1100500 Datasheet
81Kb / 1P
HOUSING FOR CABLE TO BOARD
More results


Similar Description - M404

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
2395A AEROFLEX-2395A Datasheet
357Kb / 8P
9 kHz to 26.5 GHz Spectrum Analyzer
logo
Micronetics, Inc.
NMA2416-A1T MICRONETICS-NMA2416-A1T Datasheet
209Kb / 2P
Legacy 7.8 GHz to 8.5 GHz
NMA2416-A2S MICRONETICS-NMA2416-A2S Datasheet
201Kb / 2P
Legacy 7.8 GHz to 8.5 GHz
NMA2416-A2T MICRONETICS-NMA2416-A2T Datasheet
318Kb / 2P
Legacy 7.8 GHz to 8.5 GHz
NMA2416-B1T MICRONETICS-NMA2416-B1T Datasheet
166Kb / 2P
Legacy 7.8 GHz to 8.5 GHz
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
Spectrum Analyzer
2650A ETC2-2650A Datasheet
510Kb / 8P
Frequency range from 50 kHz ??3.3 GHz or 8.5 GHz
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
Spectrum Analyzer
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
SPECTRUM ANALYZER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com