Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27112A Datasheet (PDF) - Belden Inc.

Part # 27112A
Description  TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
File Size   160.18 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

27112A Datasheet (PDF) - Belden Inc.



Similar Part No. - 27112A

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2711210000 WEIDMULLER-2711210000 Datasheet
624Kb / 8P
B2CF 3.50/20/180LH SN BK BX SO
logo
PHOENIX CONTACT
27112118 PHOENIX-27112118 Datasheet
66Kb / 4P
Crimping pliers - CRIMPFOX LC
09/11/2020
27112118 PHOENIX-27112118 Datasheet
54Kb / 2P
Accessories for tools/automatic devices - FUSE SB 2,5A
09/11/2020
27112118 PHOENIX-27112118 Datasheet
60Kb / 3P
Crimping pliers - CRIMPFOX 6H
09/11/2020
27112118 PHOENIX-27112118 Datasheet
53Kb / 3P
Replacement die - CRIMPFOX-M SC 2,5/DIE
09/11/2020
More results


Similar Description - 27112A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
27090A BELDEN-27090A Datasheet
159Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
11-09-2022
27641A BELDEN-27641A Datasheet
156Kb / 2P
TC VN/PVC, 2 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
27109A BELDEN-27109A Datasheet
179Kb / 2P
TC VN/PVC, 2 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
27636A BELDEN-27636A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
28335A BELDEN-28335A Datasheet
158Kb / 2P
TC VN/PVC, 5 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
27085A BELDEN-27085A Datasheet
159Kb / 2P
TC VN/PVC, 7 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
11-09-2022
27084A BELDEN-27084A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
11-09-2022
27088A BELDEN-27088A Datasheet
157Kb / 2P
TC VN/PVC, 10 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
27337A BELDEN-27337A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
27916A BELDEN-27916A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com