Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPW12 Datasheet (PDF) - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
File Size   1120.46 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet (PDF) - STMicroelectronics



Similar Part No. - STPW12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
STP-0100-2115 BEL-STP-0100-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0150-2115 BEL-STP-0150-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0200-2115 BEL-STP-0200-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0250-2115 BEL-STP-0250-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0300-2115 BEL-STP-0300-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
More results


Similar Description - STPW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
Electronic switch for 12 V, 5 V and 3.3 V buses
13-Oct-2021
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
logo
PHOENIX CONTACT
1157279 PHOENIX-1157279 Datasheet
2Mb / 18P
CAPAROC E1 12-24DC/8A - Electronic circuit breaker
1157285 PHOENIX-1157285 Datasheet
2Mb / 16P
CAPAROC E1 12-24DC/4A - Electronic circuit breaker
1157286 PHOENIX-1157286 Datasheet
2Mb / 16P
CAPAROC E1 12-24DC/6A - Electronic circuit breaker
1157288 PHOENIX-1157288 Datasheet
2Mb / 16P
CAPAROC E1 12-24DC/1A - Electronic circuit breaker
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com