Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB10S Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LB10S
Description  Reverse Voltage 200 and 1000V Forward Current 0.8A
File Size   719.81 Kbytes
Html View  1   2 
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LB10S Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd



Similar Part No. - LB10S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
LB10S PFS-LB10S Datasheet
241Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB10S CHENDA-LB10S Datasheet
764Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
LB10S SUNMATE-LB10S Datasheet
394Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
LB10S CHENDA-LB10S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
LB10S FS-LB10S Datasheet
158Kb / 2P
Low Profile: Typical height of 1.4mm
More results


Similar Description - LB10S

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ERB4402 DACHANG-ERB4402 Datasheet
122Kb / 2P
Plastic fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0A
EU1Z DACHANG-EU1Z Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 0.25A
logo
Leshan Radio Company
1H8 LRC-1H8_15 Datasheet
257Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
GOOD-ARK Electronics
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXS GOOD-ARK-LBXS_15 Datasheet
207Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
logo
First Silicon Co., Ltd
GR3A FS-GR3A Datasheet
485Kb / 2P
Reverse Voltage 50~1000V , Forward Current 3 Ampere
GBP302 FS-GBP302 Datasheet
463Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 3.0A
logo
AiT Semiconductor Inc.
MB1F AITSEMI-MB1F Datasheet
552Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com