Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPB4080 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # DPB4080
Description  100 MHz, 200 MHz bandwidth models
File Size   1350.42 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DPB4080 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - DPB4080

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
DPB APEX-ELECTRONICS-DPB Datasheet
292Kb / 2P
Dual-in-Line Packaging Switch, top actuated, through hole
logo
TALEMA Group. LLC
DPB--1.0-33 TALEMA-DPB--1.0-33 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPB-0.5-100 TALEMA-DPB-0.5-100 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPB-0.5-1000 TALEMA-DPB-0.5-1000 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPB-0.5-150 TALEMA-DPB-0.5-150 Datasheet
105Kb / 4P
Low Cost Power Inductors
More results


Similar Description - DPB4080

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
Quadrature Hybrid 100 - 200 MHz
JH-121 MACOM-JH-121 Datasheet
172Kb / 2P
Quadrature Hybrid, 100 - 200 MHz
logo
SYNERGY MICROWAVE CORPO...
SMJ-C6 SYNERGY-SMJ-C6 Datasheet
99Kb / 2P
180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
SJL-115 SYNERGY-SJL-115 Datasheet
79Kb / 2P
180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
logo
ASM GmbH
3276 ASM-SENSOR-3276 Datasheet
986Kb / 8P
Wide-band Models from DC to 100 MHz
logo
M/A-COM Technology Solu...
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
Quadrature Hybrid, 100 - 200 MHz
logo
API Technologies Corp
SF0246BA02631S APITECH-SF0246BA02631S Datasheet
110Kb / 3P
246 MHz SAW Filter 200 KHz Bandwidth
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
190 MHz Bandpass Filter 200 kHz Bandwidth
logo
ASM GmbH
3273-50 ASM-SENSOR-3273-50 Datasheet
1Mb / 8P
Wide-band Models from DC to 100 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com