Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250V Datasheet (PDF) - Shanghai Yint Electronic Co., Ltd

Part # 250V
Description  Polymer PTC Resettable 250V Series
File Size   489.32 Kbytes
Html View  1   2   3   4 
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

250V Datasheet (PDF) - Shanghai Yint Electronic Co., Ltd



Similar Part No. - 250V

ManufacturerPart #DatasheetDescription
logo
HUAAN LIMITED
250V HUAAN-250V Datasheet
206Kb / 3P
250V Series
logo
RUBYCON CORPORATION
250VXR1000M30X50 RUBYCON-250VXR1000M30X50 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
250VXR1000M35X40 RUBYCON-250VXR1000M35X40 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
250VXR1200M35X45 RUBYCON-250VXR1200M35X45 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
250VXR180M22X25 RUBYCON-250VXR180M22X25 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - 250V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
logo
Thinking Electronic Ind...
KMC3S005 THINKING-KMC3S005 Datasheet
647Kb / 16P
Polymer PTC Resettable Fuse
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
logo
Shanghai Yint Electroni...
PPTC600V YINT-PPTC600V Datasheet
350Kb / 2P
Polymer PTC Resettable 600V Series
PPTC130V YINT-PPTC130V Datasheet
437Kb / 3P
Polymer PTC Resettable 130V Series
PPTC60V YINT-PPTC60V Datasheet
543Kb / 4P
Polymer PTC Resettable 60V Series
PPTC30V YINT-PPTC30V Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
PPTC16V YINT-PPTC16V Datasheet
556Kb / 4P
Polymer PTC Resettable 16V Series
logo
HuaXinAn Electronics CO...
JK250020U HUAXINAN-JK250020U_V01 Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
JK250-020U HUAXINAN-JK250-020U Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com