Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMC1/16JPTP Datasheet (PDF) - Qorvo, Inc

Part # RMC1/16JPTP
Description  75 28dB CATV Doubler Amplifier 47 ??1218MHz
File Size   1258.82 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RMC1/16JPTP Datasheet (PDF) - Qorvo, Inc



Similar Part No. - RMC1/16JPTP

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RMC1/16S-105JTH QORVO-RMC1/16S-105JTH Datasheet
1Mb / 24P
75 25 dB CATV Amplifier (47 ??1218 MHz)
logo
RF Micro Devices
RMC1/16S-1R0JTH RFMD-RMC1/16S-1R0JTH Datasheet
890Kb / 13P
75 HIGH LINEARITY GaAs HBT MMIC AMPLIFIER
logo
Qorvo, Inc
RMC1/16S-201JTH QORVO-RMC1/16S-201JTH Datasheet
1Mb / 18P
75 20 dB CATV Amplifier 47 ??1218 MHz
RMC1/16SJPTH QORVO-RMC1/16SJPTH Datasheet
1Mb / 18P
75 20 dB CATV Amplifier 47 ??1218 MHz
RMC1/16SJPTH QORVO-RMC1/16SJPTH Datasheet
1Mb / 24P
75 25 dB CATV Amplifier (47 ??1218 MHz)
More results


Similar Description - RMC1/16JPTP

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
75 11dB CATV Push Pull Amplifier 45 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
CATV Power Doubler Hybrid 1218MHz 23dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
75 34dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPB8957 QORVO-QPB8957 Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPB8857 QORVO-QPB8857_V01 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com