Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA324SMRW-05RI5 Datasheet (PDF) - MicroPower Direct, LLC

Part # MA324SMRW-05RI5
Description  EN 60601 Approved 2:1 Input, DIP, 3.5W DC/DC Con vert ers
File Size   350.42 Kbytes
Html View  1   2   3 
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA324SMRW-05RI5 Datasheet (PDF) - MicroPower Direct, LLC



Similar Part No. - MA324SMRW-05RI5

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA324SMRU-05RI4 MPD-MA324SMRU-05RI4 Datasheet
366Kb / 3P
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
MA324SMRU-12RI4 MPD-MA324SMRU-12RI4 Datasheet
366Kb / 3P
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
More results


Similar Description - MA324SMRW-05RI5

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA600ERUI MPD-MA600ERUI Datasheet
888Kb / 4P
Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
MA600MRWRI5 MPD-MA600MRWRI5 Datasheet
408Kb / 3P
EN 60601 Approved 2:1 Input, DIP, 6W DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MA300ERU MPD-MA300ERU Datasheet
1Mb / 4P
Wide 4:1 Input, 3W Single Output DIP DC/DC Con vert ers
MA300ERW MPD-MA300ERW Datasheet
850Kb / 4P
2:1 Input, 3W DIP, Single & Dual Output DC/DC Con vert ers
MA300MRURI4 MPD-MA300MRURI4 Datasheet
366Kb / 3P
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
MB1000MRWRI4 MPD-MB1000MRWRI4 Datasheet
388Kb / 3P
EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
Medical Approved Compact SMT, 1W DC/DC Con vert ers
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com