Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25C400TUT Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
DS25C400TUT Datasheet PDF - National Semiconductor (TI)
Part # DS25C400TUT
Download  DS25C400TUT Download
File Size   409.88 Kbytes
Page   26 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Quad 2.5 Gbps Serializer/Deserializer

DS25C400TUT Datasheet (PDF)

Go To PDF Page Download Datasheet
DS25C400TUT Datasheet PDF - National Semiconductor (TI)

Part # DS25C400TUT
Download  DS25C400TUT Click to download

File Size   409.88 Kbytes
Page   26 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Quad 2.5 Gbps Serializer/Deserializer

DS25C400TUT Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - DS25C400TUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI2-DS25CP102 Datasheet
514Kb / 20P
DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
REVISED MARCH 2013
More results


Similar Description - DS25C400TUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
48-Bit LVDS Channel Link Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
VSC6511 VITESSE-VSC6511 Datasheet
379Kb / 22P
SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
uSerDes 22-Bit Bi-Directional Serializer/Deserializer
logo
Lattice Semiconductor
XPIO110GXS LATTICE-XPIO110GXS Datasheet
351Kb / 23P
Fully Integrated 10Gbps Serializer/Deserializer Device
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
22-Bit Bi-Directional Serializer/Deserializer
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
24-Bit Low-Power Serializer/Deserializer
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com