![]() |
Electronic Components Datasheet Search |
|
STR382 Datasheet (PDF) - List of Unclassifed Manufacturers |
STR382 Datasheet (HTML) - List of Unclassifed Manufacturers |
STR382 Datasheet (PDF) |
![]() |
Download Datasheet |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
L4949 | MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 More | Motorola, Inc |
UPC1100 | DUAL SWITCHING REGULATOR CONTROL CIRCUIT | 1 2 3 4 5 More | NEC |
NJM2352 | LOW POWER SWITCHING REGULATOR | 1 2 3 4 5 More | New Japan Radio |
NJM78L00 | 3-TERMINAL POSITIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | New Japan Radio |
LM1578A | Switching Regulator | 1 2 3 4 5 More | National Semiconductor (TI) |
LM2598 | SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features | 1 2 3 4 5 More | National Semiconductor (TI) |
LM2676 | SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator | 1 2 3 4 5 More | National Semiconductor (TI) |
LM2990 | Negative Low Dropout Regulator | 1 2 3 4 5 More | National Semiconductor (TI) |
LM78S40 | Universal Switching Regulator Subsystem | 1 2 3 4 5 More | National Semiconductor (TI) |
LP2987 | Micropower 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available LP2988 | 1 2 3 4 5 More | National Semiconductor (TI) |
Datasheet Page |
1 2 3 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |