| Electronic Components Datasheet Search |
|
SFS13A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH |
SFS13A Datasheet (PDF) |
|
Download Datasheet |
| Part # | SFS13A |
| Download | SFS13A Click to download |
| File Size | 340.48 Kbytes |
| Page | 3 Pages |
| Manufacturer | SECOS [SeCoS Halbleitertechnologie GmbH] |
| Direct Link | http://www.secosgmbh.com |
| Logo | |
| Description | Voltage 5 V ~ 54V 200W Peak Power TVS |
SFS13A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH |
Similar Part No. - SFS13A |
|
Similar Description - SFS13A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |