Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP220CA Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

5KP220CA Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 5KP220CA
Download  5KP220CA Download
File Size   281.6 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 5.0V ~ 250V 5000W Peak Power TVS

5KP220CA Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP220CA Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 5KP220CA
Download  5KP220CA Click to download

File Size   281.6 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 5.0V ~ 250V 5000W Peak Power TVS

5KP220CA Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - 5KP220CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP220CA LITTELFUSE-5KP220CA Datasheet
158Kb / 4P
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
Formosa MS
5KP220CA FORMOSA-5KP220CA Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
5KP220CA MDE-5KP220CA Datasheet
61Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
5KP220CA LITTELFUSE-5KP220CA Datasheet
143Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
5KP220CA MERITEK-5KP220CA Datasheet
253Kb / 4P
Transient Voltage Suppressors
More results


Similar Description - 5KP220CA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
5000W Peak Pulse Power
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
5000W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
200W Peak Power TVS
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
5000W Peak Power TVS
logo
Will Semiconductor Ltd.
SPD85582C WILLSEMI-SPD85582C Datasheet
240Kb / 3P
1-Line, 5000W, TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
TVS Surface Mount ??5000W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com