Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND128W3A0AV1F Datasheet (PDF) - STMicroelectronics

NAND128W3A0AV1F Datasheet PDF - STMicroelectronics
Part # NAND128W3A0AV1F
Download  NAND128W3A0AV1F Download
File Size   916.59 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories

NAND128W3A0AV1F Datasheet (PDF)

Go To PDF Page Download Datasheet
NAND128W3A0AV1F Datasheet PDF - STMicroelectronics

Part # NAND128W3A0AV1F
Download  NAND128W3A0AV1F Click to download

File Size   916.59 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories

NAND128W3A0AV1F Datasheet (HTML) - STMicroelectronics


NAND128W3A0AV1F Product details

SUMMARY DESCRIPTION
The NAND Flash 528 Byte/ 264 Word Page is a family of non-volatile Flash memories that uses
the Single Level Cell (SLC) NAND cell technology. It is referred to as the Small Page family. The devices range from 128Mbits to 1Gbit and operate with either a 1.8V or 3V voltage supply. The size of a Page is either 528 Bytes (512 + 16 spare) or 264 Words (256 + 8 spare) depending on whether the device has a x8 or x16 bus width.

FEATURES SUMMARY
■ HIGH DENSITY NAND FLASH MEMORIES
   – Up to 1 Gbit memory array
   – Up to 32 Mbit spare area
   – Cost effective solutions for mass storage applications
■ NAND INTERFACE
   – x8 or x16 bus width
   – Multiplexed Address/ Data
   – Pinout compatibility for all densities
■ SUPPLY VOLTAGE
   – 1.8V device: VDD = 1.7 to 1.95V
   – 3.0V device: VDD = 2.7 to 3.6V
■ PAGE SIZE
   – x8 device: (512 + 16 spare) Bytes
   – x16 device: (256 + 8 spare) Words
■ BLOCK SIZE
   – x8 device: (16K + 512 spare) Bytes
   – x16 device: (8K + 256 spare) Words
■ PAGE READ / PROGRAM
   – Random access: 12µs (max)
   – Sequential access: 50ns (min)
   – Page program time: 200µs (typ)
■ COPY BACK PROGRAM MODE
   – Fast page copy without external buffering
■ FAST BLOCK ERASE
   – Block erase time: 2ms (Typ)
■ STATUS REGISTER
■ ELECTRONIC SIGNATURE
■ CHIP ENABLE ‘DON’T CARE’ OPTION
   – Simple interface with microcontroller
■ SERIAL NUMBER OPTION
■ HARDWARE DATA PROTECTION
   – Program/Erase locked during Power transitions
■ DATA INTEGRITY
   – 100,000 Program/Erase cycles
   – 10 years Data Retention
■ RoHS COMPLIANCE
   – Lead-Free Components are Compliant with the RoHS Directive
■ DEVELOPMENT TOOLS
   – Error Correction Code software and hardware models
   – Bad Blocks Management and Wear Leveling algorithms
   – File System OS Native reference software
   – Hardware simulation models




Similar Part No. - NAND128W3A0AV1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GAH0AZA5E NUMONYX-NAND16GAH0AZA5E Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0AZA5F NUMONYX-NAND16GAH0AZA5F Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0D NUMONYX-NAND16GAH0D Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5E NUMONYX-NAND16GAH0DZA5E Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5F NUMONYX-NAND16GAH0DZA5F Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
More results


Similar Description - NAND128W3A0AV1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
31-Jan-2006
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
30-May-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
24-Aug-2006
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
08-Feb-2007
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com