Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72399 Datasheet (PDF) - Vishay Siliconix

72399 Datasheet PDF - Vishay Siliconix
Part # 72399
Download  72399 Download
File Size   56.22 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20-V (D-S) MOSFET

72399 Datasheet (PDF)

Go To PDF Page Download Datasheet
72399 Datasheet PDF - Vishay Siliconix

Part # 72399
Download  72399 Click to download

File Size   56.22 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20-V (D-S) MOSFET

72399 Datasheet (HTML) - Vishay Siliconix


72399 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21 Available
• TrenchFET® Power MOSFET: 1.8 V Rated
• New PowerPAK® Package
   - Low Thermal Resistance, RthJC
   - Low 1.07 mm Profile

APPLICATIONS
• Load Switch




Similar Part No. - 72399

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7239 GILWAY-7239 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Molex Electronics Ltd.
7239 MOLEX1-7239 Datasheet
92Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 7239, Male, with Tin (Sn) Plated Brass Contact, High Current, 14-18 AWG, Reel Packaged
logo
Keystone Electronics Co...
7239 KEYSTONE-7239 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
Vishay Siliconix
72391E3 VISHAY-72391E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
logo
Clarke International
7239201 CLARKE-7239201 Datasheet
3Mb / 20P
BOOSTER PUMP
GC09/22
More results


Similar Description - 72399

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com