Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ85CA-TR Datasheet (PDF) - STMicroelectronics

SMBJ85CA-TR Datasheet PDF - STMicroelectronics
Part # SMBJ85CA-TR
Download  SMBJ85CA-TR Download
File Size   131.67 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transil?

SMBJ85CA-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ85CA-TR Datasheet PDF - STMicroelectronics

Part # SMBJ85CA-TR
Download  SMBJ85CA-TR Click to download

File Size   131.67 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transil?

SMBJ85CA-TR Datasheet (HTML) - STMicroelectronics


SMBJ85CA-TR Product details

Description
The SMBJ Transil series has been designed to protect sensitive equipment against electrostatic discharges according to IEC 61000-4-2, and MIL STD 883, method 3015, and electrical over stress according to IEC 61000-4-4 and 5. These devices are more generally used against surges below 600 W (10/1000 μs).
   
Features
• Peak pulse power:
    - 600 W (10/1000 μs)
    - 4 kW (8/20 μs)
• Stand-off voltage range: from 5 V to 188 V
• Unidirectional and bidirectional types
• Low leakage current:
    - 0.2 μA at 25 °C
    - 1 μA at 85 °C
• Operating Tj max: 150 °C
• High power capability at Tj max:
    - 515 W (10/1000 μs)
• JEDEC registered package outline
   
Complies with the following standards
• IEC 61000-4-2 level 4:
    - 15 kV (air discharge)
    - 8 kV (contact discharge)
• IEC 61000-4-5
• MIL STD 883G, method 3015-7: class 3B:
   - 25 kV HBM (human body model)
• Resin meets UL 94, V0
• MIL-STD-750, method 2026 soldererability
• EIA STD RS-481 and IEC 60286-3 packing
• IPC 7531 footprint
   




Similar Part No. - SMBJ85CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ85CA-TR STMICROELECTRONICS-SMBJ85CA-TR Datasheet
82Kb / 6P
TRANSILTM
Jan-1998
SMBJ85CA-TR STMICROELECTRONICS-SMBJ85CA-TR Datasheet
158Kb / 6P
TRANSILTM
Oct-2001
SMBJ85CA-TR STMICROELECTRONICS-SMBJ85CA-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
More results


Similar Description - SMBJ85CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com