Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1408P8 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
MC1408P8 Datasheet PDF - National Semiconductor (TI)
Part # MC1408P8
Download  MC1408P8 Download
File Size   195.37 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 8-Bit D/A Converters

MC1408P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC1408P8 Datasheet PDF - National Semiconductor (TI)

Part # MC1408P8
Download  MC1408P8 Click to download

File Size   195.37 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 8-Bit D/A Converters

MC1408P8 Datasheet (HTML) - National Semiconductor (TI)


MC1408P8 Product details

General Description
The DAC0808 series is an 8-bit monolithic digital-to-analog
converter (DAC) featuring a full scale output current settling
time of 150 ns while dissipating only 33 mW with g5V supplies. No reference current (IREF) trimming is required for
most applications since the full scale output current is typically g1 LSB of 255 IREF/ 256. Relative accuracies of better than g0.19% assure 8-bit monotonicity and linearity
while zero level output current of less than 4 mA provides
8-bit zero accuracy for IREFt2 mA. The power supply currents of the DAC0808 series are independent of bit codes,
and exhibits essentially constant device characteristics over
the entire supply voltage range.
The DAC0808 will interface directly with popular TTL, DTL
or CMOS logic levels, and is a direct replacement for the
MC1508/MC1408. For higher speed applications, see
DAC0800 data sheet.

Features
Y Relative accuracy: g0.19% error maximum (DAC0808)
Y Full scale current match: g1 LSB typ
Y 7 and 6-bit accuracy available (DAC0807, DAC0806)
Y Fast settling time: 150 ns typ
Y Noninverting digital inputs are TTL and CMOS compatible
Y High speed multiplying input slew rate: 8 mA/ms
Y Power supply voltage range: g4.5V to g18V
Y Low power consumption: 33 mW @g5V




Similar Part No. - MC1408P8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MC1408P8 NSC-MC1408P8 Datasheet
309Kb / 12P
8-Bit D/A Converter
logo
Texas Instruments
MC1408P8 TI2-MC1408P8 Datasheet
350Kb / 14P
8-Bit D/A Converter
May 1999
More results


Similar Description - MC1408P8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
8-Bit, Multiplying D/A Converters
August 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
8-Bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
High-speed 8-bit A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
High-accuracy 8-bit D/A Converters
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
8-Bit A/D Converters
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com