Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6201P481MB Datasheet (PDF) - Torex Semiconductor

XC6201P481MB Datasheet PDF - Torex Semiconductor
Part # XC6201P481MB
Download  XC6201P481MB Download
File Size   483.91 Kbytes
Page   22 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Positive Voltage Regulators

XC6201P481MB Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6201P481MB Datasheet PDF - Torex Semiconductor

Part # XC6201P481MB
Download  XC6201P481MB Click to download

File Size   483.91 Kbytes
Page   22 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Positive Voltage Regulators

XC6201P481MB Datasheet (HTML) - Torex Semiconductor


XC6201P481MB Product details

■ GENERAL DESCRIPTION

The XC6201 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies.

The series provides large currents with a significantly small dropout voltage.

The XC6201 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.1V steps between 1.3V ~ 6.0V.

SOT-25, SOT-89, USP-6B and TO-92 packages are available.



■ FEATURES

  Maximum Output Current : 250mA (TYP.)

  Dropout Voltage : 0.16V @ 100mA

                         : 0.40V @ 200mA

  Maximum Operating Voltage : 10V

  Output Voltage Range : 1.3V ~ 6.0V (0.1V increments)

  Fixed Voltage Accuracy : ± 1% (VOUT(T)>2.0V)

                                   ± 2%

  Low Power Consumption : 2.0μ A (TYP.)

  Operational Temperature Range : -40℃ ~ 85℃

  Packages : SOT-25,

                 SOT-89

                 TO-92

                 USP-6B

  Environmentally Friendly : EU RoHS Compliant, Pb Free

  Tantalum or Ceramic Capacitor compatible

 

■ APPLICATIONS

● Mobile Phones

● Cordless phones, wireless communication equipment

● Cameras, video recorders

● Portable games

● Portable AV equipment

● Reference voltage

● Battery powered equipment



 




Similar Part No. - XC6201P481MB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P481MR TOREX-XC6201P481MR Datasheet
1Mb / 27P
Positive Voltage Regulators
ETR0301-007
XC6201P481MR-G TOREX-XC6201P481MR-G Datasheet
1Mb / 27P
Positive Voltage Regulators
ETR0301-007
More results


Similar Description - XC6201P481MB

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com