Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDP01-26AY Datasheet (PDF) - STMicroelectronics

LDP01-26AY Datasheet PDF - STMicroelectronics
Part # LDP01-26AY
Download  LDP01-26AY Download
File Size   457.5 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive TVS for load dump protection

LDP01-26AY Datasheet (PDF)

Go To PDF Page Download Datasheet
LDP01-26AY Datasheet PDF - STMicroelectronics

Part # LDP01-26AY
Download  LDP01-26AY Click to download

File Size   457.5 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive TVS for load dump protection

LDP01-26AY Datasheet (HTML) - STMicroelectronics


LDP01-26AY Product details

Description
The LDP01-xxAY Transil™ series have been designed to protect automotive sensitive circuits against surges defined in ISO 7637-2 and ISO 16750 tests A and B also called load-dump. The planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide reliability and stability over time. LDP01-xxAY is packaged in D²PAK. . 'ð3$. $ $ %RWKDQRGHVPXVWEHFRQQHFWHG

Features
■ Stand-off voltage range: from 22 to 70 V
■ Low leakage current: 1 μA at 25 °C
■ Operating Tj max: 175 °C
■ High power capability at Tj max
■ JEDEC registered package outline
■ ROHS and Halogen free
■ Resin meets UL 94, V0
■ AEC-Q101 compliant Complies with the following standards:
■ IEC 61000-4-2 exceeds level 4
■ 30 kV (air discharge)
■ 30 kV (contact discharge)
■ ISO10605 – C = 330 pF, R = 330 Ω
■ 30 kV (air discharge)
■ 30 kV (contact discharge)
■ ISO 7637-2
■ Pulse 1: VS = -150 V
■ Pulse 2a: VS = +112 V
■ Pulse 3a: Vs = -220 V
■ Pulse 3b: Vs = +150 V
■ Formerly pulses 5a and 5b
■ ISO 16750-2
■ Tests A and B




Similar Part No. - LDP01-26AY

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP ANOVA-LDP Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP LUGUANG-LDP Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDP-1050-252+ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
CUSTOM LED DISPLAY
More results


Similar Description - LDP01-26AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
Sensitron
SCP-4188 SENSITRON-SCP-4188 Datasheet
60Kb / 2P
Load Dump Protector
logo
Maxim Integrated Produc...
MAX5099 MAXIM-MAX5099 Datasheet
640Kb / 27P
Dual, 2.2MHz, Automotive Synchronous Buck Converter with 80V Load-Dump Protection
Rev 0; 5/08
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
2019
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
logo
Protek Devices
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
high power tvs for automotive load dump applications
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com